Part Number Hot Search : 
UR1105W CPC1727J DHPH201U BR1006 B45197 1N5594B N6068 BD901
Product Description
Full Text Search
 

To Download UPB1H101MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PB
Miniature Sized, High Ripple Current High Reliability
series
High ripple current load life of 5000 / 7000 hours at +105C. Suited for ballast application. Adapted to the RoHS directive (2002/95/EC).
CA
Long Life
PB
Smaller
PT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Performance Characteristics
- 40 ~ +105C (10 ~ 50V), - 25 ~ +105C (160 ~ 450V) 10 ~ 450V 0.47 ~ 3300F 20% at 120Hz, 20C
Rated Voltage (V) 10 ~ 50V
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
160 ~ 450V
After 2 minutes' application of rated voltage, leakage current is not more than 0.06CV+10 (A) .
Leakage Current
---- --
Measurement frequency : 120Hz, Temperature : 20C
tan
Rated voltage (V) tan (MAX.)
10 0.30
16 0.25
25 0.22 10 3
35 0.18 16 2
50 0.15 25 2 35 2
160 0.15 50 2
200 0.15 160 3
250 0.15 200 3
350 0.20 250 3 350 4
400 0.24 400 6
450 0.24 450 6
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.) Z-25C / Z+20C
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 5000 hours (10 * 12.5 (10 ~ 50V) : 7000 hours) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value (10 ~ 50V) Within 20% of initial value (160 ~ 450V) 300% or less of initial specified value (10 ~ 50V) 200% or less of initial specified value (160 ~ 450V) Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Bd
Type numbering system (Example : 160V 22F)
UPB 2 C 2 2 0 M PD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance (20%) Rated Capacitance (22F) Rated voltage (160V) Series name Type
BD
+ MAX
Pressure relief vent (B6.3up)
L + MAX
15MIN
4MIN
BD Bd
P
5 2.0 0.5 0.5
6.3 8 10 12.5 2.5 3.5 5.0 5.0 0.5 0.6 0.6 0.6 0.5 0.5 0.5 0.5
16 18 22 25 7.5 7.5 10.0 12.5 0.8 0.8 1.0 1.0 0.5 0.5 1.0 1.0
(mm)
(BD 18) 1.5 (BD 22) 2.0
* Please refer to page 21 about the end seal configulation.
Configuration Pb-free leadwire BD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD 22 a 25 RD
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PB
Cap.(F)
series
Dimensions
V
Code
10 1A
16 1C
25 1E
35 1V
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300
R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332
5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25
70 100 150 180 350 550 810
6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25
85 130 195 270 430 710
5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20
55 95 195 255 325 500
5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25
50 60 100 200 280 350 570
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 20 12.5 x 20
5 10 15 20 25 30 40 55 65 100 235 295 370 Rated ripple
Case size D x L(mm)
Rated Ripple (mArms) at 105C 120Hz
V Cap.(F) Code
160 2C
200 2D
250 2E
350 2V 10 x 20 125 250 175 350 250 500 325 650
400 2G 10 x 20 12.5 x 25 16 x 25 18 x 25 125 250 200 400 300 600 375 750
450 2W 12.5 x 20 16 x 25 18 x 25 18 x 31.5 18 x 35.5 150 300 275 550 350 700 425 850 475 950 500 1000 550 1100
10 22 33 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820
100 220 330 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 18 x 31.5 18 x 35.5 18 x 40 22 x 40 22 x 50 25 x 40 25 x 50 850 1700 950 1900 1050 2100 1150 2300 1350 2700 1500 3000 18 x 31.5 18 x 31.5 18 x 40 22 x 40 850 1700 950 1900 1050 2100 1150 2300 18 x 25 650 1300 18 x 25 650 1300 18 x 31.5 18 x 35.5 18 x 40 22 x 40 750 1500 850 1700 950 1900 1050 2100 16 x 25 550 1100 16 x 25 550 1100 18 x 25 600 1200 12.5 x 25 375 750 12.5 x 25 375 750 16 x 25 500 1000 10 x 20 10 x 20 12.5 x 20 250 500 250 500 300 600 10 x 20 12.5 x 20 12.5 x 20 250 500 300 600 300 600 12.5 x 20 12.5 x 20 12.5 x 25 300 600 300 600 350 700
12.5 x 20 16 x 20 16 x 25
18 x 25
400 800
18 x 31.5 18 x 35.5
18 x 31.5 18 x 35.5 18 x 40 22 x 40
500 1000 575 1150 650 1300 750 1500
18 x 40 22 x 40
450 900 500 1000 550 1100 600 1200
18 x 40 22 x 40
22 x 50 25 x 40 25 x 50
700 1400 800 1600
22 x 50 25 x 40 25 x 50
800 1600 900 1800
22 x 50 25 x 40 25 x 50
22 x 50 25 x 40 25 x 50
950 1900 1050 2100
22 x 50 25 x 40 25 x 50
1150 2300 1400 2800
1350 2700 1500 3000 Case Size Rated D x L(mm) ripple
: Rated ripple (mArms) at 105C 120Hz : Rated ripple (mArms) at 105C 100kHz : In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
V 10 ~ 50 160 ~ 450
Cap.(F)
Frequency
0.47 ~ 100 0022 ~ 4700 1000 ~ 3300 010 ~ 820
50Hz 0.75 0.85 0.95 0.60
120Hz 1.00 1.00 1.00 1.00
300Hz 1.20 1.10 1.03 1.20
1kHz 1.40 1.20 1.05 1.60
10k ~ 50kHz 100kHz 1.55 1.65 1.25 1.30 1.10 1.15 1.80 2.00
Wider range of rating.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPB1H101MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X